Part Number Hot Search : 
SC68C 42S16 42S16 PACAC97Q 2SB1017 42S16 A1232 MJE241
Product Description
Full Text Search
 

To Download 71979-0422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0719790422 Active
cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Receptacle, Surface Mount, Dual Row, Right Angle, 44 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-71973-9999 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Receptacles 71979 Board-to-Board cgrid__sl_products C-Grid(R) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Circuits (Loaded) Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 44 No Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Right Angle Yes Yes Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 50 1.3 75 1.90 No Yes -40C to +105C Surface Mount
Search Parts in this Series 71979Series Mates With 87911 Header
Electrical
Current - Maximum per Contact Voltage - Maximum 1A, 2A, 3A 500V AC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-71973-9999 SDA-71979-****
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 71979-0422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X